PART |
Description |
Maker |
NJW4100 NJW4100M NJW4100V |
Lithium-ion Battery Charger Controller IC with Timer 锂离子电池充电控制IC与定时器 From old datasheet system
|
New Japan Radio Co., Ltd.
|
EUP8095 |
1.5A Linear Li-Ion/Polymer Charger IC with Integrated FET and Charger Timer
|
Eutech Microelectronics Inc
|
ADP3810AR-168 ADP3810AR-42 ADP3810AR-84 ADP3810 AD |
Secondary Side, Off-Line Battery Charger Controllers Programmable Secondary Side, Off-Line Battery Charger Controller - Programmed Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Secondary Side/ Off-Line Battery Charger Controllers
|
Analog Devices, Inc.
|
SI9731 |
渭P Controlled Li-ion Battery Charger
Pulse Charges 1 to 3 Cells
Integrated MOSFETs UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries μP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries(用于1节锂电池-3节镍镍镉电池的μP控制的电池充电器)
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
LTC1734 LTC1734ES6-4.2 LTC1734ES6-4.1 LTC1734-4.2 |
700mA Linear Lithium Battery Charger in SOT-23 Lithium-Ion Linear Battery Charger in ThinSOT
|
Linear Technology
|
MAX1508 MAX1508ETA MAX1508YETA MAX1508ZETA MAX1508 |
Linear Li Battery Charger with Integrated Pass FET / Thermal Regulation / and ACOKin 3mm x 3mm TDFN Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK-bar in 3mm x 3mm TDFN Linear Li Battery Charger with Integrated Pass FET. Thermal Regulation. and ACOK-bar in 3mm x 3mm TDFN Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:11-35 TV 5C 5#20 PIN RECP Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOKin 3mm x 3mm TDFN 1-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
UM607XG-AG6-R UM607XL-AG6-R |
CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
|
Unisonic Technologies
|
ADP3806JRU-12.6-R7 ADP3806JRU-12.6-RL ADP3806JRUZ- |
Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 47uF; Voltage: 35V; Case Size: 8x11.5 mm; Packaging: Bulk 高频开关式锂离子电池充电器 High-Frequency Switch Mode Li-Ion Battery Charger 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO24 High-Frequency Switch Mode Li-Ion Battery Charger 高频开关式锂离子电池充电器
|
ANALOG DEVICES INC Analog Devices, Inc.
|
LTC4052-4.2 LTC4052EMS8E-4.2 LTC4052EMS8E-4.2TR LT |
1A Lithium-Ion Battery Pulse Charger with Overcurrent Protection Lithium-Ion Battery Pulse Charger with Overcurrent Protection; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|
LTM8061 LTM8061EV-4.1PBF LTM8061EV-4.2PBF LTM8061E |
32V, 2A 渭Module Li-Ion/ Polymer Battery Charger 32V, 2A μModule Li-Ion/ Polymer Battery Charger
|
Linear Technology
|
AAT3670ISK-4.2-T1 AAT3670 |
1.6A Dynamic Battery Charger and Power Manager The AAT3670 BatteryManager is a highly integrated single-cell lithium-ion/polymer (Li-ion) battery c
|
Analogic Corporation ANALOGICTECH[Advanced Analogic Technologies]
|
LT1513-2IT7PBF LT1513-2IRTRPBF LT1513-2CT7 LT1513- |
SEPIC Constant- or Programmable-Current/Constant-Voltage Battery Charger; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C 5.4 A BATTERY CHARGE CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PZFM7 SEPIC Constant- or Programmable-Current/Constant-Voltage Battery Charger; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 5.4 A BATTERY CHARGE CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PSSO7 SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. Linear Dimensions Semiconductor
|